AI

The **ATS-1042-C3-R0** is a high-performance electronic thermal management component, specifically a **push-pin heat sink** designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
Below is a detailed breakdown of its specifications and electronic application characteristics.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) with Brass Springs |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 2.15 °C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 40mm x 40mm x 23mm |
| **Mounting Hole Pattern** | 33mm (Distance between pins) |
---
### Key Electronic Components & Features
#### 1. Thermal Interface Material (TIM)
The "R0" suffix typically denotes that the part comes pre-applied with a **Thermal Interface Material**. In this case, it usually features **Chomerics T766**, a high-performance phase-change material that ensures minimal thermal contact resistance between the electronic chip and the aluminum base.
#### 2. Attachment Mechanism: Push-Pins and Springs
Unlike adhesive tapes, this part uses a mechanical fastening system:
* **Push-Pins:** Made of durable plastic (usually Nylon), designed to snap into pre-drilled holes on the PCB.
* **Compression Springs:** Brass springs provide a consistent, high-pressure downward force (compression) to ensure the heat sink remains in flat contact with the chip, even under mechanical vibration or thermal expansion.
#### 3. Straight-Fin Geometry
The straight-fin design is optimized for **forced air convection**. In an electronic enclosure where fans provide a directed airflow path, the straight channels allow air to flow through the fins with low pressure drop, maximizing heat dissipation from the component.
#### 4. Blue Anodized Finish
The blue coating is not just aesthetic; anodization increases the **emissivity** of the aluminum. This improves the part's ability to dissipate heat through radiation, and it also provides an electrically non-conductive layer to prevent short circuits if the sink accidentally touches nearby surface-mount components.
---
### Application in Circuit Design
This part is commonly used on:
* **Network Switches/Routers:** For cooling ASICs.
* **Industrial PCs:** For cooling chipsets or embedded processors.
* **Power Electronics:** Where high-wattage components require a secure, long-term mounting solution that won't degrade like thermal tape.
- ⤷
What are the PCB hole size requirements for the push-pins on the ATS-1042-C3-R0?
- ⤷ How does the thermal resistance change if the airflow (LFM) is increased?
- ⤷ Can this heat sink be reused after it has been removed from a PCB?