ATS-1043-C2-R0_DS
AI

Based on the part number **ATS-1043-C2-R0**, this component is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" series, designed for cooling electronic components such as BGA (Ball Grid Array) packages.
### 1. Technical Specifications
The following table highlights the primary mechanical and thermal properties:
| Feature | Specification |
| :--- | :--- |
| **Series** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Plastic Clip & Spring) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 41.0 mm x 45.0 mm x 24.5 mm |
| **Thermal Resistance (Unducted)** | 1.80 °C/W @ 200 LFM |
| **Thermal Interface Material (TIM)** | Saint-Gobain C8000 (Pre-applied) |
---
### 2. Key Design Elements
#### A. Fin Geometry
The "C2" in the part number often refers to the specific fin configuration. The maxiFLOW design features a **tapered fin structure**. Unlike straight-fin heat sinks, these fins expand outward to maximize surface area while reducing pressure drop, making them highly efficient in forced-air environments.
#### B. The maxiGRIP™ Attachment System
This is a critical electronic part feature consisting of:
* **Plastic Frame Clip:** A high-temperature plastic frame that snaps around the electronic component (e.g., a processor or FPGA).
* **Stainless Steel Spring:** A "C-shaped" spring that applies steady, even pressure across the center of the heat sink to the component.
* **Benefit:** This avoids the need to drill holes in the PCB, preventing mechanical stress on the board traces.
#### C. Thermal Interface Material (TIM)
The unit comes with **Saint-Gobain C8000** phase-change material. When the electronic part heats up, this material softens to fill microscopic air gaps between the chip surface and the heat sink base, significantly reducing thermal impedance.
---
### 3. Application Use Cases
This part is typically found in the following electronic systems:
1. **Telecommunications:** Cooling high-speed network switches and routers.
2. **Embedded Systems:** Industrial PCs where vertical space is limited to roughly 25mm.
3. **Power Electronics:** Dissipating heat from high-wattage voltage regulators.
---
- ⤷
What are the airflow requirements for the ATS-1043-C2-R0 to achieve its peak thermal resistance?
- ⤷ How does the maxiGRIP attachment compare to push-pin mounting in terms of PCB space?
- ⤷ Is this heat sink compatible with lead-free soldering processes?