Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10A-159-C2-R0

  • AI
    The **ATS-10A-159-C2-R0** is a high-performance electronic thermal management component, specifically an aluminum heat sink from the **maxiFLOW™** series manufactured by Advanced Thermal Solutions (ATS). --- ## 1. Technical Specifications The following table summarizes the physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm | | **Thermal Resistance** | 2.09°C/W @ 100 LFM (Linear Feet per Minute) | | **Thermal Interface Material** | T766 (Pre-applied) | --- ## 2. Key Design Elements ### A. maxiFLOW™ Fin Geometry Unlike standard square-cut fins, the maxiFLOW™ design features a **tapered fin profile**. This geometry is engineered to: * Maximize surface area for heat dissipation. * Reduce pressure drop, allowing more air to flow through the sink. * Optimize performance in systems with limited airflow. ### B. pushPIN™ Attachment System The "10A" in the part number signifies the specific attachment kit. The pushPIN™ system uses: * **Brass/Steel Springs:** Ensure constant, high interface pressure between the heat sink and the component (CPU, GPU, or FPGA). * **Nylon/Plastic Pins:** Secure the assembly to the PCB through pre-drilled holes. ### C. Thermal Interface Material (TIM) The unit comes with **T766** pre-applied. This is a phase-change material or high-conductivity grease designed to fill microscopic air gaps between the component and the heat sink base, significantly improving heat transfer efficiency. --- ## 3. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **10A** | Attachment style (pushPIN™ with specific spring tension) | | **159** | Internal design/size code | | **C2** | Color/Finish (Blue Anodized) | | **R0** | RoHS Compliant / Revision code | --- ## 4. Typical Applications This part is commonly used in high-density electronic environments such as: * **Networking:** High-speed routers and switches. * **Embedded Systems:** Industrial PCs and controllers. * **Power Electronics:** Converters and high-output power modules.
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods for ATS heat sinks if pushPIN is not suitable?
    • ⤷ How does the pressure drop of maxiFLOW compare to standard cross-cut heat sinks?
    • ⤷ What is the operating temperature range for the T766 thermal interface material?