ATS-10B-08-C3-R0
AI

The **ATS-10B-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-10B-08-C3-R0 |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 14.61°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Interface Material** | T412 (High-performance Thermal Grease) |
---
## 2. Key Electronic Features
### A. maxiFLOW™ Design
The heat sink features a unique **flared fin geometry**. Unlike standard straight-fin heat sinks, this design maximizes the surface area for convection while minimizing pressure drop, allowing for more efficient heat dissipation in systems with limited airflow.
### B. pushPIN™ Attachment
Instead of using messy adhesives or fragile clips, this part uses the **pushPIN™ system**.
* **Mechanical Stability:** It provides a precise "bite" into the PCB.
* **Uniform Pressure:** A built-in compression spring ensures the thermal interface material (TIM) is pressed firmly and evenly against the electronic chip, which is critical for low thermal resistance.
### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates the specific thermal interface material applied to the base. It uses **T412**, which is a high-quality thermal grease that fills microscopic air gaps between the chip and the heat sink base to facilitate faster heat transfer.
---
## 3. Component Dimensions & Airflow
The performance of this electronic part varies significantly based on the velocity of the air passing through it (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 14.61 |
| 300 (1.5 m/s) | 6.68 |
| 500 (2.5 m/s) | 4.66 |
---
## 4. Typical Applications
* **Telecommunications:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and power modules that generate significant heat in a small footprint.
- ⤷
What are the specific mounting hole requirements for the pushPIN system on a PCB?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied T412?