The question interval is too short. Please try again in a few seconds.
ATS-10B-12-C2-R0
AI
The **ATS-10B-12-C2-R0** is a high-performance electronic thermal management component specifically categorized as a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and belongs to the **maxiFLOW™** series.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Base Dimensions** | 54.12mm x 51.27mm |
| **Height (Off Base)** | 17.78mm |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 1.58°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Features
This part is designed for high-density electronic cooling where airflow direction is critical.
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design that increases the surface area for heat dissipation while minimizing the pressure drop.
* **pushPIN™ Attachment:** It uses a specialized mounting system that includes a high-performance compression spring and a "push-pin" mechanism. This ensures consistent pressure on the processor or chip to maximize heat transfer.
* **Thermal Interface Material (TIM):** The unit comes with **T766** phase-change material already applied to the base. This eliminates the need for manual thermal paste application and ensures a reliable thermal bond.
* **Material and Finish:** The blue anodized aluminum provides both corrosion resistance and improved emissivity.
---
### 3. Application Use Cases
This part is typically found in environments with forced-air cooling (fans) such as:
* **Telecommunications:** Cooling of ASICs and FPGAs.
* **Data Centers:** High-performance servers and networking switches.
* **Embedded Systems:** Industrial computers requiring stable thermal profiles.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 1.58 |
| 400 (2.0 m/s) | 1.07 |
| 600 (3.0 m/s) | 0.88 |
✨ Follow-up Questions
⤷
What is the significance of the 'pushPIN' mounting system compared to adhesive tapes?
⤷ How does the 'blue anodized' finish affect the heat sink's performance?
⤷ Can the T766 thermal interface material be replaced if the heat sink is reused?