ATS-10B-129-C2-R0
AI

The **ATS-10B-129-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 8.68°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 10.00mm |
| **Weight** | ~40-50 grams |
---
### 2. Key Design Elements
#### A. Fin Configuration
This model features **straight fins**. This design is optimized for environments with a steady airflow (forced convection), allowing air to pass through the channels and carry heat away from the base.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or simple clips, the "10B" series uses a push-pin mechanism:
* **Precision Springs:** Provides consistent pressure across the interface for maximum heat transfer.
* **Secure Mounting:** Requires pre-drilled holes in the PCB (Printed Circuit Board).
* **Reliability:** Resistant to vibration and shock, making it suitable for industrial applications.
#### C. Material and Finish
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodization protects the aluminum from corrosion and slightly improves radiant heat emissivity.
---
### 3. Application Use Cases
The ATS-10B-129-C2-R0 is typically found in:
* **Networking Gear:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs where vertical space is limited (due to its low 10mm profile).
* **Power Supplies:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
---
### 4. Thermal Performance Comparison
The effectiveness of the heat sink changes based on the air velocity (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 8.68 |
| 300 | 1.5 | 4.02 |
| 500 | 2.5 | 3.13 |
*[Note: Lower °C/W values indicate better cooling efficiency.]*
- ⤷
What are the specific PCB hole dimensions required for the push-pin mounting?
- ⤷ How does 'C2' in the part number relate to the thermal interface material?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?