ATS-10B-151-C1-R0
AI

The **ATS-10B-151-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed for cooling electronic components such as CPUs, GPUs, or high-power semiconductors.
---
### 1. Technical Specifications
The following table highlights the key physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 3.91°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Finish** | Blue Anodized |
| **Interface Material** | T766 (Thermal Interface Material) |
---
### 2. Design Components
#### A. pushPIN™ Attachment System
Unlike traditional adhesive-based sinks, this part uses a mechanical **Push-Pin** system. This ensures:
* **Constant Pressure:** A high-performance compression spring provides uniform pressure across the component surface.
* **Reliability:** It is less prone to loosening due to thermal expansion/contraction compared to double-sided tapes.
#### B. Heat Sink Geometry
The part features **Straight Fins**. This design is optimized for:
* **Directional Airflow:** It works best when air is forced through the fins in a specific direction (longitudinal).
* **Surface Area:** The 20mm height provides a balanced surface-area-to-volume ratio, suitable for compact enclosures.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a phase-change or high-conductivity material that fills microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance.
---
### 3. Application Use Cases
The ATS-10B-151-C1-R0 is typically found in:
1. **Telecommunications:** Cooling ASICs in networking switches and routers.
2. **Embedded Systems:** Industrial PCs where mechanical stability is required.
3. **Power Electronics:** Cooling MOSFETs or IGBTs in power conversion modules.
---
- ⤷
How does the thermal resistance of this part change with different airflow speeds (LFM)?
- ⤷ What are the advantages of blue anodized finishes on heat sinks?
- ⤷ What is the specific hole pattern required on a PCB for the push-pin mounting?