ATS-10B-152-C2-R0
AI

The **ATS-10B-152-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling electronic integrated circuits (ICs) and components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Here are the core specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.32°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 25.00mm |
| **Fin Style** | Straight Fin |
| **Number of Holes** | 2 |
---
### 2. Component Analysis
The "Electronic Parts" of this assembly are categorized into three main segments:
#### A. The Heat Sink (Thermal Dissipator)
The primary body is made of **extruded aluminum**. Its purpose is to increase the surface area of a heat-generating component (like a CPU, FPGA, or Power MOSFET) to allow for more efficient heat transfer to the surrounding air. The **Blue Anodized** coating is not just for aesthetics; it provides corrosion resistance and increases surface emissivity.
#### B. The pushPIN™ Fastener System
Unlike simple adhesive-backed heat sinks, the "C2" series uses a mechanical **pushPIN™** system. This consists of:
* **Plastic or Brass Pins:** These go through the PCB.
* **Compression Springs:** These provide precise, constant pressure on the electronic component to ensure a high-quality thermal interface.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically denotes the inclusion of a pre-applied **Thermal Interface Material**. This is the "electronic" chemical layer that fills microscopic air gaps between the semiconductor package and the metal heat sink to ensure maximum heat conductivity.
---
### 3. Application Use Cases
This specific part is commonly found in the following electronic systems:
1. **Telecommunications:** Cooling high-speed switches and routers.
2. **Embedded Systems:** Protecting industrial microcontrollers from thermal throttling.
3. **Power Electronics:** Managing heat in DC-DC converters or motor drivers.
---
- ⤷
What are the advantages of pushPIN attachment over adhesive thermal tape?
- ⤷ How does the 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can this heat sink be used for custom PCB layouts
- ⤷ or does it require standard hole spacing?