ATS-10B-155-C2-R0
AI

The **ATS-10B-155-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** from the *maxiFLOW™* series manufactured by Advanced Thermal Solutions (ATS).
Below is the breakdown of its specifications and electronic application characteristics.
---
### 1. Technical Specifications
| Feature | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded attachment) |
| **Dimensions** | 40mm x 40mm x 20mm |
| **Thermal Resistance** | 5.37°C/W (at 100 LFM) to 1.50°C/W (at 700 LFM) |
| **Airflow Pattern** | Spread Fin (maxiFLOW™) |
---
### 2. Key Electronic Components & Features
#### A. The Fin Design (maxiFLOW™)
Unlike standard straight-fin heat sinks, this part uses a **spread-fin** geometry. This design increases the surface area and encourages turbulent airflow, which is more effective at removing heat from high-power electronic components like CPUs, GPUs, or FPGAs.
#### B. pushPIN™ Attachment System
The "10B" and suffix "R0" indicate the use of the **pushPIN™** assembly.
- **Hardware:** It includes a brass or plastic pin with a stainless steel spring.
- **Benefit:** This ensures consistent pressure (clamping force) on the electronic chip, which optimizes the thermal interface material (TIM) performance and prevents the heat sink from shifting during vibration.
#### C. Thermal Interface Material (TIM)
The "C2" designation typically refers to the **T766** phase-change thermal interface material being pre-applied to the base of the heat sink. This eliminates the need for manual thermal paste application, ensuring a low-resistance thermal path from the silicon to the aluminum.
---
### 3. Application Use Cases
This specific part is used for cooling mid-range heat-generating components in the following sectors:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial PC:** Embedded systems that require passive or forced-air cooling.
3. **Power Electronics:** Transistor modules or voltage regulators that generate significant heat in a small footprint.
---
### 4. Thermal Performance Data
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 5.37 |
| 300 (1.5 m/s) | 2.50 |
| 500 (2.5 m/s) | 1.85 |
| 700 (3.5 m/s) | 1.50 |
- ⤷
How does the pushPIN™ attachment compare to adhesive thermal tape?
- ⤷ What is the significance of the 'Blue Anodized' finish on the thermal performance?
- ⤷ Can this heat sink be used for natural convection without a fan?