ATS-10B-170-C2-R0
AI

The **ATS-10B-170-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Base Dimensions** | 45mm x 45mm |
| **Height (Fin)** | 25mm |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Electronic Features
### Thermal Efficiency
The "C2" in the part number indicates a specific thermal performance profile. The heat sink uses a **fine-pitch fin design** (cross-cut) which maximizes surface area. This is critical for high-density electronic assemblies where airflow might be limited or directional.
### Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, the ATS-10B-170-C2-R0 uses a mechanical push-pin system:
* **Compression Springs:** These ensure precise pressure is applied to the electronic component, optimizing the contact between the chip and the heat sink.
* **Reliability:** Mechanical mounting is preferred in high-vibration environments (like automotive or industrial servers) compared to thermal tape.
### Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM is vital because it fills microscopic air gaps between the heat source and the aluminum, significantly lowering thermal resistance.
---
## 3. Physical Layout (Dimensions)
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 45.00 |
| **Width (B)** | 45.00 |
| **Height (C)** | 25.00 |
| **Pitch (E)** | 38.00 |
| **Pitch (F)** | 38.00 |
---
## 4. Typical Applications
This specific part is commonly found in:
1. **Networking Equipment:** Routers and switches where ASICs generate significant heat.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or power modules in DC-DC converters.
- ⤷
How does the blue anodized finish affect the thermal radiation properties of this heat sink?
- ⤷ What is the specific thermal resistance rating in °C/W for this model at different airflow speeds?
- ⤷ Are there alternative mounting options if the PCB does not have pre-drilled holes for push-pins?