ATS-10B-182-C2-R0
AI

The **ATS-10B-182-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed for cooling electronic components such as CPUs, GPUs, or high-power ASICs on a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The model number encodes specific physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight (Extruded) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 7.51°C/W (@ 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Features and Design
#### A. Attachment Mechanism (Push-Pin)
The "B" in the part number indicates the use of **plastic push-pins** and springs. This mechanism provides:
* **Constant Pressure:** Ensures optimal contact between the heatsink base and the chip.
* **Ease of Assembly:** Can be installed manually or with automated equipment through pre-drilled holes in the PCB.
#### B. Material and Finish
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodization:** Not only provides a professional aesthetic but also increases surface emissivity and protects the aluminum from corrosion.
#### C. Thermal Performance
This heatsink is designed for **forced air** (fan-cooled) environments. The performance varies significantly based on the Linear Feet per Minute (LFM) of airflow:
* **@ 100 LFM:** 7.51 °C/W
* **@ 300 LFM:** 3.82 °C/W
* **@ 500 LFM:** 2.91 °C/W
---
### 3. Application Use Cases
This specific part is typically found in:
1. **Networking Hardware:** Switches, routers, and modems.
2. **Industrial Controllers:** Cooling Power Management ICs (PMICs).
3. **Embedded Systems:** Single-board computers requiring low-profile cooling (15mm height).
---
### 4. Comparison to Similar Parts
```python
# Part Number Breakdown Example
part_series = "ATS-10B" # 10B = Push-pin series
dimensions = "182" # Specific size code (45x45x15mm)
material_code = "C2" # Blue Anodized Aluminum
revision = "R0" # Standard Revision
```
- ⤷
What are the PCB hole diameter requirements for the ATS-10B push-pins?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Is there a version of this heatsink with a higher profile for better passive cooling?