Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10B-23-C2-R0

  • AI
    The **ATS-10B-23-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Push-Pin Heat Sink**. It is designed to cool electronic components like CPUs, GPUs, or FPGAs by dissipating heat into the surrounding air. --- ### 1. Technical Specifications The part number encodes specific physical and material characteristics: | Feature | Specification | | :--- | :--- | | **Part Number** | ATS-10B-23-C2-R0 | | **Heat Sink Type** | Push-Pin (Passive cooling) | | **Fin Style** | Straight Fin | | **Dimensions** | 60mm x 60mm x 10mm | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment** | Plastic Push-Pin with Brass Spring | | **Thermal Interface Material (TIM)** | T766 (Pre-applied) | --- ### 2. Detailed Component Analysis #### A. The Heat Sink Body * **Material:** Made of **Aluminum 6063**, which offers high thermal conductivity while remaining lightweight and cost-effective. * **Fin Design:** The "Straight Fin" geometry is optimized for high-airflow environments. The low profile (10mm height) makes it suitable for tight spaces like 1U servers or thin-client devices. * **Surface Treatment:** The **Blue Anodized** finish is not just aesthetic; it increases the surface emissivity, slightly improving radiative heat transfer and protecting the aluminum from corrosion. #### B. The Attachment Mechanism (Push-Pin) This part utilizes a **Push-Pin and Spring** system rather than adhesive or screws: * **Ease of Assembly:** Can be installed manually without complex tools. * **Constant Pressure:** The spring ensures that the heat sink remains in firm contact with the electronic chip, compensating for thermal expansion and vibration. * **Reusability:** Unlike thermal tape, push-pins allow for the heat sink to be removed and re-installed during maintenance. #### C. Thermal Interface Material (TIM) The **T766** material pre-applied to the base is a phase-change or high-performance thermal grease. Its job is to fill microscopic air gaps between the component surface and the heat sink base to maximize heat transfer efficiency. --- ### 3. Applications This specific part is typically found in: * **Networking Equipment:** Routers and switches. * **Computing:** Secondary processors or chipset cooling on motherboards. * **Industrial Controls:** Cooling high-speed power transistors or logic controllers.
    ✨ Follow-up Questions
    • ⤷ What is the thermal resistance value for this specific heat sink model?
    • ⤷ Can this heat sink be used with a fan for active cooling?
    • ⤷ What are the PCB hole requirements for the push-pin mounting?