AI

The **ATS-10B-26-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, and other heat-generating ICs.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 14.20 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 3.10 °C/W |
| **Length (X)** | 70.00 mm |
| **Width (Y)** | 70.00 mm |
| **Height (Z)** | 10.00 mm |
| **Pitch** | 1.27 mm |
---
### 2. Breakdown of the Part Number
The part number provides specific details about the configuration and materials:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **10B:** Part series (pushPIN™ Heat Sink System).
* **26:** Specific geometric profile/fin configuration.
* **C2:** Thermal Interface Material (TIM) and Finish indicator. "C2" typically denotes a **Blue Anodized** finish with a specific pre-applied T766 phase-change material or similar TIM.
* **R0:** Revision code / RoHS Compliance status.
---
### 3. Key Features & Components
#### A. Fin Design
The device features a **High-Performance Fin Pattern**. These are typically "cross-cut" or "straight fin" designs optimized for low-pressure drop and high surface area contact with airflow.
#### B. pushPIN™ Attachment Mechanism
Unlike adhesive-based heat sinks, this uses a spring-loaded pin system:
* **Pressure:** Ensures constant, uniform pressure on the component for maximum thermal transfer.
* **Security:** Provides a mechanical lock to the PCB, preventing the heat sink from shifting during vibration or shipping.
* **Installation:** Uses standardized hole patterns (e.g., 63.00mm pitch for this model).
#### C. Thermal Interface Material (TIM)
The base is usually pre-applied with a thermal pad or paste. This fills the microscopic air gaps between the semiconductor die and the aluminum base, significantly reducing thermal impedance.
---
### 4. Implementation Considerations
When integrating the ATS-10B-26-C2-R0 into a design, engineers must calculate:
1. **Airflow Direction:** Ensure the fins are aligned with the system's fan exhaust.
2. **Keep-out Zones:** The pushPIN footprint requires specific clearance on the PCB for the springs and plastic/brass pins.
3. **Component Height:** At 10mm tall, it is considered a "Low Profile" heat sink, suitable for 1U servers or slim electronic enclosures.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the Blue Anodized finish affect the thermal emissivity of the part?
- ⤷ What are the alternative Thermal Interface Materials (TIM) available for the ATS-10 series?