ATS-10B-30-C2-R0
AI

The **ATS-10B-30-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "maxiFLOW™" series, designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-10B-30-C2-R0 |
| **Material** | Aluminum (High Performance) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 5.31°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 57.90mm x 60.96mm x 25.00mm |
| **Compliance** | RoHS Compliant |
---
### Core Electronic & Physical Components
#### 1. Heat Sink Body (The Fin Array)
The "maxiFLOW™" design features a tapered fin geometry. This design increases the surface area while reducing pressure drop, allowing air to flow more efficiently through the fins. In electronics, this is crucial for preventing **Thermal Throttling**, where a chip slows down its clock speed to avoid melting.
#### 2. pushPIN™ Attachment System
Unlike cheap adhesive-backed heat sinks, this part uses a **pushPIN™** system.
* **Mechanical Stability:** It uses a brass or plastic pin with a compressed spring.
* **Constant Pressure:** The spring ensures consistent contact pressure between the heat sink base and the electronic component (die), which is vital for efficient heat transfer.
#### 3. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the specific thermal interface material or revision. This unit usually comes pre-applied with a **Phase Change Material** or high-conductivity grease on the base. This fills the microscopic air gaps between the chip and the aluminum base to lower thermal impedance.
---
### Comparison of Airflow Performance
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 5.31 |
| 400 (2.0 m/s) | 1.90 |
| 600 (3.0 m/s) | 1.30 |
- ⤷
What are the advantages of pushPIN attachment over adhesive tape?
- ⤷ How does the Blue Anodized finish affect thermal performance?
- ⤷ Can this heat sink be used for custom PCB projects?