ATS-10B-68-C2-R0
AI

The **ATS-10B-68-C2-R0** is a specific high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
The model number follows a specific nomenclature used by the manufacturer, **Advanced Thermal Solutions (ATS)**.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Pattern** | Fine-pitch Straight Fin |
---
### 2. Key Components & Design Features
#### A. The pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the "10B" series uses a **pushPIN™** system. This consists of:
* **Brass/Plastic Pins:** Used to secure the heatsink to the PCB through pre-drilled holes.
* **Compression Springs:** These provide a precise amount of downward pressure (Force), ensuring consistent contact between the heatsink base and the component.
#### B. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the part comes with a **pre-applied thermal interface material**. This is a high-conductivity pad or grease applied to the base to eliminate air gaps between the chip and the aluminum.
#### C. Fin Geometry
The "68" in the part number corresponds to a specific fin configuration. These fins are designed to maximize surface area for heat dissipation while maintaining a low profile (15mm height), making it ideal for tight enclosures.
---
### 3. Electronic Performance Data
The cooling efficiency of this part depends heavily on the airflow (Linear Feet per Minute - LFM) within the device:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.31 |
| 300 (1.5 m/s) | 5.89 |
| 500 (2.5 m/s) | 3.91 |
| 700 (3.5 m/s) | 3.07 |
---
### 4. Typical Applications
This component is commonly found in:
* **Networking Hardware:** Switches and routers where high-speed processors generate significant heat.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** To cool MOSFETs or voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized finishes for heatsinks?
- ⤷ How do I calculate the required LFM for a specific component using this heatsink?
- ⤷ Does this heatsink require specific PCB hole diameters for the pushPIN system?