ATS-10B-72-C3-R0
AI

The **ATS-10B-72-C3-R0** is a specific electronic cooling component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "maxiFLOW™" series of high-performance heat sinks.
Below is the technical breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
This part is a high-performance heat sink designed for cooling electronic components such as CPUs, GPUs, or high-power ASICs.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-10B-72-C3-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 5.10°C/W (Unducted @ 200 LFM) |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and ensuring the part does not interfere with nearby capacitors or connectors.
| Dimension | Value |
| :--- | :--- |
| **Width (A)** | 45.00 mm |
| **Length (B)** | 45.00 mm |
| **Height (C)** | 15.00 mm |
| **Pitch (E)** | 38.00 mm |
| **Pitch (F)** | 38.00 mm |
---
### 3. Key Electronic Cooling Characteristics
The "C3" and "R0" suffixes in the part number provide specific information regarding the thermal interface and material compliance.
* **Thermal Interface Material (TIM):** This model typically comes with **T412** pre-applied. This is a high-efficiency phase-change material that fills microscopic air gaps between the component (chip) and the heat sink.
* **pushPIN™ Attachment:** The "10B" designation refers to the attachment mechanism. It uses a brass pin with a stainless steel spring to provide a specific "clamping force" (pressure) onto the electronic chip, ensuring optimal heat transfer without cracking the silicon.
* **Fin Design:** It features a "straight-fin" or "cross-cut" design optimized for **impingement** or **ducted** airflow, which is common in server racks or high-density enclosures.
---
### 4. Thermal Performance Table
Airflow (measured in Linear Feet per Minute - LFM) significantly impacts the cooling efficiency:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 5.10 |
| 400 (2.0 m/s) | 2.50 |
| 600 (3.0 m/s) | 1.80 |
| 800 (4.0 m/s) | 1.50 |
---
### Summary of Nomenclature
* **ATS:** Advanced Thermal Solutions (Brand).
* **10B:** pushPIN™ attachment style.
* **72:** Specific dimension/geometry code.
* **C3:** Specific thermal interface material and performance grade.
* **R0:** RoHS compliant (Lead-free).
- ⤷What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for a specific chip TDP?
- ⤷ Does this heat sink support custom spring tensions for fragile components?