ATS-10B-75-C1-R0
AI

The **ATS-10B-75-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components such as BGA (Ball Grid Array) chips, CPUs, or GPUs.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-10B-75-C1-R0 |
| **Heat Sink Type** | pushPIN™ Heat Sink Assembly |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.47 °C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal properties:
* **ATS-10B**: Refers to the product series and base configuration.
* **75**: Denotes the specific fin pattern or spacing configuration.
* **C1**: Indicates the thermal interface material (TIM) type or specific mounting hardware configuration.
* **R0**: Refers to the revision code or specific packaging/finish style.
---
### 3. Key Electronic/Mechanical Features
#### A. Thermal Management
This part is designed to dissipate heat from surface-mount devices. Its **cross-cut fin design** allows for multi-directional airflow, making it highly efficient in crowded PCB environments where airflow direction may vary.
#### B. pushPIN™ Attachment
Unlike adhesive tapes or simple clips, the `pushPIN™` system used here ensures:
1. **Consistent Pressure:** Provides a specific amount of force (determined by the spring) to maximize contact with the chip.
2. **Reliability:** Resistant to vibration and shock compared to thermal tape.
3. **Ease of Assembly:** Features pre-drilled holes for quick installation into PCB mounting holes.
#### C. Thermal Interface Material (TIM)
The "C1" variant typically comes with a pre-applied high-performance thermal pad or grease, ensuring low thermal resistance between the component and the heat sink base without requiring manual application.
---
### 4. Applications
* **Networking Gear:** Routers, switches, and high-speed modems.
* **Computing:** Embedded systems, industrial PCs, and server motherboards.
* **Power Electronics:** Cooling MOSFETs or power regulators.
- ⤷
What is the exact hole pattern required on a PCB for the pushPIN attachment?
- ⤷ How does the thermal resistance of this model change as airflow (LFM) increases?
- ⤷ Are there alternative finish options for this heat sink besides blue anodized?