ATS-10B-91-C3-R0
AI

The **ATS-10B-91-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions** | 40mm x 40mm |
| **Height** | 10.00 mm |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 6.27 °C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **TIM (Thermal Interface Material)** | T412 (Phase Change Material) |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Straight Fin)
The "Straight Fin" design is optimized for **forced air convection**. These fins allow air to flow through the channels with minimal pressure drop, making them highly effective when paired with a nearby cooling fan.
### B. Push-Pin Attachment Mechanism
Instead of using adhesive tapes which can degrade over time, this part uses a **plastic push-pin with a built-in spring**.
* **Security:** Provides constant pressure (load) on the component to ensure maximum contact.
* **Installation:** Requires pre-drilled holes in the PCB.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**. This is a high-performance thermal pad that softens at operating temperatures to fill microscopic air gaps between the heat sink and the chip, significantly improving heat transfer efficiency.
---
## 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **10B** | Series/Attachment Style (Push-Pin) |
| **91** | Product Dimensions/Geometry Code |
| **C3** | Thermal Performance/Material Grade |
| **R0** | Revision/Packaging Code |
---
## 4. Usage Considerations
* **Airflow Direction:** Ensure the heat sink is oriented so that the fins align with the system's airflow.
* **PCB Holes:** You must verify that your PCB layout includes the specific hole pattern required for the push-pins.
* **Component Height:** At only 10mm high, this is a **low-profile** solution, making it ideal for 1U servers or compact embedded systems.
- ⤷
What is the exact hole-to-hole spacing required for the push-pin installation?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink available with a taller fin height for better cooling?