ATS-10D-03-C2-R0
AI

The **ATS-10D-03-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of semiconductors and PCBs.
---
## 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10D-03-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 40mm x 40mm x 15mm |
| **Thermal Resistance** | 15.83°C/W (at 100 LFM) |
| **Weight** | 13 grams |
---
## 2. Core Components & Design Features
### A. Material & Surface Treatment
The part is fabricated from **Aluminum 6063**, known for high thermal conductivity and structural integrity. The **Blue Anodized** finish is not just aesthetic; it provides:
* Increased corrosion resistance.
* Improved surface emissivity (enhanced heat radiation).
* Electrical insulation of the heat sink surface.
### B. pushPIN™ Attachment System
This component uses a specialized mounting system rather than simple adhesive:
* **Push Pins:** Made of nylon or brass, these provide secure attachment through pre-drilled PCB holes.
* **Compression Springs:** These ensure constant, high-pressure contact between the heat sink and the electronic component (CPU, FPGA, etc.), maximizing thermal transfer.
### C. Fin Geometry
The "D" in the part number often signifies a specific fin pattern (Cross-Cut or Straight). In this model, the design is optimized for:
* **High Airflow:** Minimizing pressure drop.
* **Surface Area:** Maximizing the "wetted" area exposed to moving air to dissipate heat faster.
---
## 3. Thermal Performance Metrics
The effectiveness of the ATS-10D-03-C2-R0 depends on the airflow (LFM - Linear Feet per Minute):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 15.83 |
| 200 | 1.0 | 5.76 |
| 400 | 2.0 | 3.05 |
| 600 | 3.0 | 2.19 |
---
## 4. Common Applications
This heat sink is typically used on high-heat electronic components such as:
* **BGA Packages:** Ball Grid Array chips.
* **ASICs / FPGAs:** High-speed processing units in networking hardware.
* **Power Transistors:** Components that regulate high voltages.
---
- ⤷
What is the difference between Blue Anodized and Clear Anodized heat sinks?
- ⤷ How do I calculate the required hole spacing for the pushPIN system?
- ⤷ Is this heat sink compatible with TIM (Thermal Interface Material)?