ATS-10D-100-C2-R0
AI

### Technical Overview of ATS-10D-100-C2-R0
The **ATS-10D-100-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the **pushPIN™** series, designed to provide efficient thermal management for electronic components like CPUs, GPUs, and power transistors.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance (Flowing)** | 18.59 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.45 °C/W |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Straight Fin |
---
### 2. Core Electronic/Thermal Components
The effectiveness of this part relies on several physical and material characteristics:
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766**, a high-performance thermal grease. This ensures low thermal resistance between the electronic component (heat source) and the heat sink base.
* **Fin Design:** It utilizes a straight-fin pattern. This is optimized for specific airflow directions, allowing heat to dissipate rapidly into the surrounding air as it is moved by a fan or natural convection.
* **The pushPIN™ Mechanism:** Unlike adhesive tapes, this uses a spring-loaded push-pin system. This provides **consistent pressure** across the electronic package, which is critical for maintaining thermal contact and preventing damage from vibration.
---
### 3. Application in Circuitry
This part is primarily used to prevent **Thermal Throttling** or hardware failure in high-density electronic environments.
1. **Heat Dissipation:** It absorbs heat from the semiconductor junction through conduction.
2. **Mounting Compatibility:** The push-pin holes are designed for standard PCB layouts, making it easy to integrate into motherboards or industrial control units.
3. **Efficiency:** The "C2" in the part number indicates it is made from aluminum, which provides a balance between lightweight design and thermal conductivity.
---
### 4. Thermal Performance Data
| Air Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) |
| :--- | :--- | :--- | :--- |
| **Resistance (°C/W)** | 18.59 | 7.95 | 5.23 |
---
- ⤷
What is the difference between push-pin and adhesive mounting for heat sinks?
- ⤷ How do I calculate the required LFM for my specific electronic component?
- ⤷ Are there copper variants of the ATS-10D series for higher conductivity?