Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10D-11-C2-R0

  • AI
    The **ATS-10D-11-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ### 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | Part of the "pushPIN™" series | | **Material** | Aluminum | Provides a balance of weight and conductivity | | **Finish** | Blue Anodized | Increases surface emissivity and corrosion resistance | | **Dimensions (L x W)** | 50mm x 50mm | Large surface area for high-power chips | | **Height** | 10mm | Low-profile design for space-constrained builds | | **Attachment Type** | pushPIN™ | Uses a spring-loaded pin mechanism | | **Thermal Resistance** | Variable | Depends on airflow (measured in °C/W) | --- ### 2. Key Design Features #### A. Fin Geometry (Straight Fin) The "11" in the part number indicates the specific fin pattern. Straight fin designs are optimized for **forced-air cooling** (using a fan). The spacing between fins is calibrated to minimize pressure drop while maximizing the surface area available for heat transfer. #### B. pushPIN™ Attachment System Unlike adhesive tapes that can fail over time, this part uses the ATS pushPIN™ system: * **High Reliability:** Ensures constant pressure (Contact Force) between the heat sink and the component. * **Ease of Install:** Uses a flexible "pin and spring" assembly that snaps into pre-drilled holes on the PCB. #### C. Thermal Interface Material (TIM) The "C2" designation typically refers to the **T766 thermal phase change material** pre-applied to the base. This ensures that the microscopic gaps between the chip and the heat sink are filled, significantly reducing thermal resistance. --- ### 3. Application Use Cases * **Embedded Systems:** Cooling processors in industrial or telecommunications equipment. * **Networking Hardware:** Dissipating heat from high-speed switches or routers. * **Power Electronics:** Cooling MOSFETs or voltage regulators in compact power supplies. --- ### 4. Part Number Breakdown The nomenclature follows a specific logic: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **10D:** Series/Designator. * **11:** Fin pitch or specific configuration. * **C2:** Thermal Interface Material (TIM) type. * **R0:** RoHS compliance and revision status.
    ✨ Follow-up Questions
    • ⤷ What are the airflow requirements for the ATS-10D-11-C2-R0 to achieve optimal cooling?
    • ⤷ How does pushPIN™ mounting compare to traditional spring-clip or adhesive mounting?
    • ⤷ Are there taller versions of this heat sink available for better thermal performance?