ATS-10D-124-C2-R0
AI

The **ATS-10D-124-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic integrated circuits (ICs).
### Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10D-124-C2-R0 |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 25.00mm |
---
### Key Components and Design Features
#### 1. Fin Design (Fine Pitch)
The "124" in the series typically denotes a specific fin pattern. This heat sink uses a **straight fin** or **cross-cut** design optimized for forced air convection. The fin density is balanced to provide maximum surface area while minimizing pressure drop across the component.
#### 2. PushPIN™ Attachment System
Instead of using messy adhesives or simple clips, this model uses a specialized pushPIN™ system.
* **Spring-loaded:** Ensures consistent pressure on the processor for optimal heat transfer.
* **Secure Mounting:** Requires specific hole patterns on the PCB (Printed Circuit Board).
* **Reliability:** Resistant to shock and vibration, making it suitable for industrial or networking equipment.
#### 3. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied.
* This is a high-performance thermal grease or pad that fills microscopic air gaps between the heat sink base and the electronic component (CPU/GPU/FPGA).
* It ensures a low thermal resistance path for heat to travel from the chip to the aluminum fins.
#### 4. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides:
* **Corrosion resistance:** Protects the aluminum from oxidation.
* **Increased Emissivity:** Slightly improves the radiant heat transfer properties compared to raw aluminum.
---
### Application Usage
This specific heat sink is commonly found in:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Cooling MOSFETs or power modules where air-flow is present.
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment system?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What is the specific thermal resistance (C/W) of this model at different airflow speeds (LFM)?