ATS-10D-174-C2-R0
AI

The **ATS-10D-174-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for thermal management in electronic components, specifically for BGAs (Ball Grid Arrays).
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 30.00mm x 30.00mm x 10.00mm |
| **Attachment Method** | Push Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 13.92°C/W (at 200 LFM) |
| **Airflow Path** | Fine-Pitch (Vertical fins) |
---
## 2. Key Design Elements
### A. Fin Geometry
This heat sink features a **straight-fin design**. This is ideal for forced-air cooling systems where air moves in a specific direction across the fins. The low profile (10mm) makes it suitable for tight enclosures where vertical space is limited.
### B. Attachment Mechanism
The "C2" in the part number indicates the specific push-pin and spring combination:
* **Push Pins:** Provide high-retention force and ease of installation on the PCB.
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** phase-change material to ensure low thermal resistance between the heat sink and the chip.
### C. Material & Efficiency
* **Aluminum (6063):** Offers a high thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** Enhances durability, provides minor electrical insulation, and increases thermal emissivity.
---
## 3. Applications
The ATS-10D-174-C2-R0 is commonly found in the following electronic environments:
1. **Networking Hardware:** Switches and routers where high-density components generate significant heat.
2. **Embedded Systems:** Microcontrollers and FPGA units.
3. **Industrial PCs:** Cooling processors in environments with constant airflow.
- ⤷
What are the differences between push-pin and adhesive-backed heat sink attachments?
- ⤷ How does the 'LFM' (Linear Feet per Minute) rating affect the thermal performance of this part?
- ⤷ Can this heat sink be used for passive cooling without a fan?