ATS-10D-175-C2-R0
AI

The **ATS-10D-175-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Resistance** | 13.52°C/W (undirected flow) |
| **Flow Pattern** | Omni-directional (Pin Fin) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
This part uses a specialized mechanical attachment system. Instead of using messy adhesives or thermal tape, it utilizes:
* **Brass Springs:** Ensures consistent pressure (clamping force) against the electronic component for optimal heat transfer.
* **Plastic Push-Pins:** Allows for secure mounting to pre-drilled holes in the PCB.
#### B. Thermal Interface Material (TIM)
The "R0" suffix indicates that the heat sink comes pre-applied with **ATS-CPT-1049**, a high-performance Phase Change Material or Thermal Grease. This eliminates the need for manual application and ensures there are no air gaps between the component and the heat sink.
#### C. Omni-directional Cooling
Unlike "straight fin" heat sinks that require airflow to come from a specific direction, the **Pin Fin** design allows air to enter from any angle. This is critical in cramped electronic enclosures where airflow patterns are unpredictable.
---
### 3. Applications
This component is typically used in the following electronic sectors:
* **Telecommunications:** Cooling for high-speed networking chips.
* **Industrial PCs:** Compact motherboards where vertical space (10mm height) is limited.
* **Embedded Systems:** High-power SoC (System on Chip) modules.
---
- ⤷
What are the benefits of blue anodizing in this heat sink?
- ⤷ How do I calculate if the 13.52°C/W thermal resistance is sufficient for my chip?
- ⤷ What is the recommended PCB hole diameter for the pushPIN attachment?