ATS-10D-184-C2-R0
AI

The **ATS-10D-184-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of integrated circuits (ICs) and other PCB components.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10D-184-C2-R0 |
| **Type** | Top Mount / Push-Pin |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 4.14 °C/W (at 100 LFM) |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height** | 25mm |
---
## 2. Key Features and Electronic Design
### A. Fin Design
The "184" in the part number refers to a specific fin pattern. This model typically utilizes a **Cross-cut fin design**, which allows for omnidirectional airflow. This is critical in dense electronic enclosures where the direction of the cooling fan's exhaust might not be perfectly aligned with the heat sink.
### B. Material and Thermal Interface
* **Aluminum Construction:** Provides a lightweight solution with high thermal conductivity.
* **Thermal Interface Material (TIM):** This specific part number comes pre-applied with **T766**, a high-performance thermal phase-change material that ensures minimal air gaps between the component (CPU/GPU/ASIC) and the heat sink.
### C. Mechanical Attachment (Push-Pin)
Unlike adhesive-based heat sinks, the push-pin system uses a **compression spring** and a brass pin.
* **Reliability:** It provides consistent pressure across the chip surface.
* **Reusability:** It can be removed and reinstalled without damaging the PCB, provided the board has the required mounting holes (3.0mm diameter).
---
## 3. Performance Analysis (Thermal Resistance)
Thermal resistance indicates how effectively the part moves heat away from the silicon. Lower numbers are better.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 4.14 |
| 300 (1.5 m/s) | 2.26 |
| 500 (2.5 m/s) | 1.83 |
| 700 (3.5 m/s) | 1.63 |
---
## 4. Typical Applications
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Industrial PCs:** Maintaining stability in high-temperature environments.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What are the PCB hole requirements for the push-pin mounting system?
- ⤷ How does 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied T766?