ATS-10D-19-C2-R0
AI

The **ATS-10D-19-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It belongs to the **maxiFLOW™** product line, designed for cooling high-power semiconductors and integrated circuits.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (Extruded) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 9.77°C/W @ 100 LFM (Linear Feet per Minute) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 20.00mm |
| **Fin Type** | Straight Fin |
| **RoHS Status** | Compliant |
---
### 2. Design Characteristics
#### A. Fin Geometry (maxiFLOW™)
The "maxiFLOW" design features a high-aspect-ratio fin structure. This increases the surface area for heat dissipation while maintaining low pressure drop, making it highly effective in forced-air environments (using fans).
#### B. Attachment System: pushPIN™
This part utilizes the **pushPIN™** mounting system. It consists of a spring-loaded pin that passes through pre-drilled holes in the PCB. This provides:
* **Constant Pressure:** Ensures optimal contact between the heat sink and the component (like a CPU or FPGA).
* **Vibration Resistance:** Suitable for industrial or automotive environments where movement is a factor.
#### C. Material and Coating
* **Aluminum:** Chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodization:** This is not just for aesthetics; the anodized layer provides electrical insulation and improves the "emissivity" of the surface, allowing for slightly better radiant heat transfer.
---
### 3. Part Number Breakdown (Nomenclature)
The part number follows a specific logic:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer: Advanced Thermal Solutions |
| **10D** | Series or internal design revision |
| **19** | Specific size/geometry identifier |
| **C2** | Thermal performance/Fin configuration class |
| **R0** | Revision or Packaging code |
---
### 4. Application Use Cases
This heat sink is typically found in:
1. **Telecommunications:** Cooling network switches and routers.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Dissipating heat from Voltage Regulators or Power Modules.
- ⤷
How do I calculate the required airflow (LFM) for this heat sink?
- ⤷ What type of thermal interface material (TIM) is recommended for the ATS-10D series?
- ⤷ Are there alternative mounting options if my PCB lacks pushPIN holes?