ATS-10D-26-C2-R0
AI

The **ATS-10D-26-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
This part belongs to the **pushPIN™** series, designed for easy installation and high thermal efficiency on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10D-26-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 14.20°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 10.00mm |
---
### 2. Key Components & Design
The "C2" and "R0" designations in the part number refer to specific material and environmental compliance standards.
#### A. Fin Profile (Fine-Pitch)
The device uses a **fine-pitch** fin design. This maximizes the surface area for heat dissipation, making it ideal for high-velocity airflow environments within server racks or telecommunications equipment.
#### B. Attachment Mechanism (pushPIN™)
Instead of adhesive or simple clips, this part uses a precision spring-loaded mechanism:
* **Compression Springs:** Ensure even pressure across the heat source (CPU/GPU/FPGA).
* **Plastic/Brass Push Pins:** Provide secure mechanical attachment to the PCB through pre-drilled holes.
#### C. Thermal Interface Material (TIM)
The "C2" suffix typically indicates that the part comes with **T766** pre-applied thermal phase-change material or a high-performance thermal grease, ensuring low thermal resistance between the component and the sink.
---
### 3. Thermal Performance Metrics
The effectiveness of the ATS-10D-26-C2-R0 depends on the airflow (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | 100 (0.5 m/s) | 300 (1.5 m/s) | 500 (2.5 m/s) |
| :--- | :--- | :--- | :--- |
| **Thermal Resistance (°C/W)** | 14.20 | 4.60 | 2.50 |
---
### 4. Applications
* **Processors:** Cooling CPUs, GPUs, and FPGAs in industrial computing.
* **Power Electronics:** Thermal management for high-capacity power supplies.
* **Telecommunications:** Used in base stations and networking switches where space is limited but heat output is high.
- ⤷
What are the PCB hole requirements for the pushPIN attachment system?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom thermal pad instead of the pre-applied TIM?