ATS-10D-47-C2-R0
AI

The **ATS-10D-47-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heat Sink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its specifications and physical characteristics.
### 1. General Specifications
The part number follows a specific nomenclature from the manufacturer, **Advanced Thermal Solutions (ATS)**, under their "Push-Pin" series.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-10D-47-C2-R0 |
| **Type** | Board Level Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
---
### 2. Thermal Performance
Thermal resistance is measured based on the velocity of airflow (measured in Linear Feet per Minute - LFM).
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 LFM (0.5 m/s)** | 9.30 |
| **300 LFM (1.5 m/s)** | 4.49 |
| **500 LFM (2.5 m/s)** | 3.52 |
| **700 LFM (3.5 m/s)** | 3.01 |
---
### 3. Physical Dimensions
The "47" in the part number typically refers to the height/profile of the fin array in the ATS catalog system.
* **Length:** 25.00 mm
* **Width:** 25.00 mm
* **Height:** 25.00 mm (High profile for maximum surface area)
* **Hole Spacing:** ~30.00 mm (Center to Center)
---
### 4. Key Component Features
#### A. Fin Design (Straight Fin)
The device uses a **straight-fin** pattern. This design is optimized for environments where there is a consistent, unidirectional airflow. The gaps between the fins allow air to pass through, carrying heat away from the base plate.
#### B. Push-Pin Attachment
Instead of using messy thermal adhesives or screws, this part uses a **plastic push-pin** with a compression spring.
* **Springs:** Provide consistent pressure for better thermal interface contact.
* **Ease of Install:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The **"R0"** suffix usually indicates that the heat sink comes with a pre-applied **Phase Change Material (T766)** or a high-performance thermal pad on the base, ensuring immediate ready-to-use installation.
---
### 5. Common Applications
* **Processors/FPGA:** Cooling small to medium-sized chips.
* **Network Equipment:** Used in routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers where space is limited but heat dissipation is critical.
- ⤷
How do I calculate the required airflow for this specific heat sink?
- ⤷ What are the alternatives to push-pin mounting for this size?
- ⤷ Does the blue anodized finish provide any electrical insulation?