ATS-10D-92-C2-R0
AI

The **ATS-10D-92-C2-R0** is a high-performance electronic component specifically designed for **Thermal Management**. It is a heat sink manufactured by *Advanced Thermal Solutions (ATS)*, part of their high-performance "push-pin" series.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the device:
| Property | Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Material** | Aluminum (Blue Anodized) |
| **Fin Type** | Straight Fin |
| **Dimensions (L x W)** | 40mm x 40mm |
| **Height (H)** | 15mm |
| **Mounting Hole Pitch** | 33mm |
| **Thermal Resistance** | 16.48°C/W (Unducted Flow @ 100 LFM) |
---
## 2. Component Composition
The part consists of four main sub-components that work together to dissipate heat from electronic devices (like CPUs, FPGAs, or MOSFETs):
1. **Heat Sink Body:** Extruded aluminum with a specific fin density to maximize surface area for air convection.
2. **Push-Pins:** Plastic or brass pins that pass through the PCB to secure the unit.
3. **Springs:** Compression springs that provide consistent downward pressure (TIM contact pressure) to ensure efficient heat transfer.
4. **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal grease/pad.
---
## 3. Key Electronic Functions
* **Heat Dissipation:** Its primary role is to lower the junction temperature ($T_j$) of a semiconductor to prevent thermal throttling or hardware failure.
* **Thermal Conductivity:** Utilizes high-grade aluminum to pull heat away from the silicon die.
* **Airflow Optimization:** The straight fin design is optimized for environments where there is a consistent directional airflow (system fans).
---
## 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **10D** | Push-pin style and spring tension |
| **92** | Specific dimension/fin configuration |
| **C2** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliant / Revision code |
---
- ⤷
What are the benefits of using push-pin mounting over adhesive tapes for heat sinks?
- ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Are there alternative materials like copper available for this specific size?