Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10E-142-C2-R0

  • AI
    The **ATS-10E-142-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of the component: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Part Number** | ATS-10E-142-C2-R0 | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Dimensions** | 30mm x 30mm x 15mm | | **Thermal Resistance** | 10.07°C/W (Unducted Flow @ 200 LFM) | | **Pattern** | High-performance square pin fin | --- ### 2. Key Design Features * **Pin Fin Geometry:** Unlike standard straight fins, the square pin fin design increases surface area and promotes turbulence in the airflow, which significantly enhances heat dissipation in low-airflow environments. * **Push-Pin Attachment:** This model uses a plastic push-pin mechanism with a built-in spring. This ensures: * **Consistent Pressure:** Provides a precise amount of force on the electronic component for optimal thermal contact. * **Secure Mounting:** Reduces the risk of the heat sink shifting during vibration or shipping. * **Blue Anodized Coating:** The blue anodization is not just for aesthetics; it provides surface protection against corrosion and slightly improves radiant heat transfer. --- ### 3. Application Use Cases The ATS-10E-142-C2-R0 is typically used in the following scenarios: 1. **Telecommunications:** Cooling of high-speed networking chips and switch fabric processors. 2. **Embedded Systems:** Ideal for small form factor industrial computers where vertical space is limited to 15mm. 3. **Power Electronics:** Dissipating heat from Voltage Regulator Modules (VRMs) or high-power MOSFETs. --- ### 4. Thermal Performance Comparison | Air Velocity (LFM) | Thermal Resistance (°C/W) | | :--- | :--- | | 200 (1.0 m/s) | 10.07 | | 400 (2.0 m/s) | 4.65 | | 600 (3.0 m/s) | 3.35 | ---
    ✨ Follow-up Questions
    • ⤷ What is the hole-to-hole spacing required for mounting this heat sink?
    • ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
    • ⤷ Are there copper versions of this heat sink for higher heat loads?