ATS-10E-151-C2-R0
AI

The **ATS-10E-151-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. This part is designed to cool electronic components like CPUs, GPUs, or FPGAs by dissipating heat into the surrounding air.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Plastic or Brass) |
| **Fin Type** | Straight Fin (for high-density airflow) |
| **Dimensions** | 35mm x 35mm x 10mm |
| **Thermal Resistance** | Approx. 17.60°C/W (at 200 LFM) |
| **Thermal Interface** | T766 (Pre-applied thermal pad/grease) |
---
### 2. Design Breakdown
#### A. The Heatsink (Body)
The body is made of extruded aluminum. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio. The **blue anodized finish** is not just for aesthetics; it increases the surface emissivity, slightly improving radiation heat transfer and protecting the metal from corrosion.
#### B. The Push-Pin Mechanism
Unlike adhesive-based heatsinks, the "C2" series uses a mechanical push-pin system:
* **Spring-loaded:** Ensures consistent downward pressure on the electronic chip, which is critical for maximizing the efficiency of the thermal interface material (TIM).
* **Stability:** It is more secure against mechanical shock and vibration compared to double-sided tape.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the specific thermal pad or grease pre-applied to the bottom. This fills the microscopic air gaps between the chip and the heatsink to ensure heat flows efficiently.
---
### 3. Typical Applications
This specific part is often found in:
* **Networking Equipment:** Routers and switches with mid-sized processors.
* **Embedded Systems:** Industrial PCs where height constraints (10mm) are tight.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
### 4. Cooling Performance Overview
Below is a simplified representation of how air speed (LFM - Linear Feet per Minute) affects the thermal resistance of this part:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (Low Airflow) | 17.60 |
| 400 (Moderate Airflow) | 6.70 |
| 600 (High Airflow) | 4.50 |
- ⤷
How do I determine if the 10mm height is sufficient for my PCB enclosure?
- ⤷ What is the specific PCB hole pattern required for the push-pin installation?
- ⤷ Can this heatsink be used with a custom fan attachment?