Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10E-34-C2-R0

  • AI
    The **ATS-10E-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The following table breaks down the technical characteristics based on the part number nomenclature: | Feature | Specification | Description | | :--- | :--- | :--- | | **Product Type** | Heat Sink | Active/Passive cooling component | | **Material** | Aluminum | Lightweight with high thermal conductivity | | **Finish** | Blue Anodized | Enhances corrosion resistance and thermal radiation | | **Dimensions** | 36.83mm x 36.83mm | Square footprint for standard PCB layouts | | **Height** | 22.86mm | Vertical clearance required | | **Attachment** | Push Pin | Secure mechanical fastening with springs | | **Thermal Resistance** | 6.72°C/W (Unducted) | Efficiency of heat dissipation at 200 LFM | | **Flow** | High Flow / Straight Fin | Optimized for directional airflow | --- ### 2. Breakdown of the Part Number Advanced Thermal Solutions uses a specific coding system for their parts: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **10E:** Refers to the specific series of the heat sink (often related to fin density or style). * **34:** The physical size/footprint code. * **C2:** Material and Finish (Aluminum, Blue Anodized). * **R0:** Revision code or packaging variation. --- ### 3. Key Electronic Functions While the heat sink itself is a passive mechanical part, its role in an electronic system is critical: 1. **Thermal Dissipation:** It increases the surface area of a semiconductor device, allowing heat to transfer from the junction to the ambient air. 2. **Reliability:** By maintaining lower operating temperatures, it prevents "Thermal Throttling" and extends the Mean Time Between Failures (MTBF) of the electronic component. 3. **Mechanical Stability:** The "Push Pin" attachment mechanism ensures consistent pressure (TIM - Thermal Interface Material compression), which is vital for efficient heat transfer between the chip and the aluminum base. --- ### 4. Implementation Example In a typical PCB design, this part is mounted as follows: ```markdown 1. Apply Thermal Interface Material (TIM/Paste) to the IC. 2. Align Heat Sink (ATS-10E-34-C2-R0) over the pre-drilled PCB holes. 3. Depress Push Pins until they snap into place. 4. The integrated springs apply constant force to ensure contact. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between ducted and unducted thermal resistance for this part?
    • ⤷ Are there alternative attachment methods besides push pins for this size?
    • ⤷ What is the recommended airflow (LFM) for optimal performance of the ATS-10E-34-C2-R0?