ATS-10E-35-C2-R0
AI

The **ATS-10E-35-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number itself contains encoded specifications regarding its dimensions and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Base Dimensions** | 35.00mm x 35.00mm |
| **Height** | 10.00mm |
| **Pitch** | Fine Pitch (High density fins) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | ~22.48°C/W (Unducted Flow) |
---
### 2. Key Design Elements
#### A. The pushPIN™ Attachment System
This part utilizes a specific attachment mechanism designed for secure and easy installation:
* **Push-Pins:** Plastic or brass pins that snap into pre-drilled holes on the PCB.
* **Compression Springs:** These provide a precise amount of downward pressure (Force), ensuring a consistent interface between the heat sink base and the component.
#### B. Fin Geometry (Cross-Cut)
The "E" in the part number often signifies a specific fin pattern. This model uses a **high-density fin array** which:
* Increases the surface area for heat exchange.
* Is optimized for **forced air cooling** (environments with fans).
#### C. Thermal Interface Material (TIM)
The "R0" designation usually indicates the inclusion of a pre-applied **Thermal Interface Material**. This is a layer of conductive paste or pad on the bottom of the heat sink that fills microscopic air gaps between the chip and the metal, significantly improving heat transfer.
---
### 3. Applications
This specific heat sink is typically found in:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Small power supplies or motor drivers where space is limited but heat generation is high.
---
### 4. Comparison of Airflow Performance
Thermal resistance varies based on the velocity of air (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 22.48 |
| 300 (1.5 m/s) | 6.62 |
| 500 (2.5 m/s) | 4.10 |
---
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling without a fan?