AI

The **ATS-10E-69-C2-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin style heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from integrated circuits (ICs), such as CPUs, GPUs, or FPGAs.
---
### 1. Key Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Fin Style** | Straight Fin |
| **Mounting Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 11.56°C/W (Natural Convection) |
| **Attachment Interface** | Pre-applied Thermal Interface Material (TIM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the cooling capability and mechanical fit:
* **ATS-10**: Refers to the "push-pin" series of heat sinks.
* **E**: Likely refers to the specific material or fin density configuration.
* **69**: Denotes the specific footprint/geometric design.
* **C2**: Indicates the material/finish (Aluminum with Blue Anodization).
* **R0**: Refers to the revision or packaging style.
---
### 3. Functional Electronic Role
In an electronic circuit, the ATS-10E-69-C2-R0 serves the following purposes:
1. **Heat Dissipation:** It increases the surface area of a high-power component, allowing air to carry away heat more efficiently.
2. **Thermal Protection:** By maintaining the junction temperature ($T_j$) of a semiconductor below its maximum rating, it prevents thermal throttling and hardware failure.
3. **Mechanical Stability:** The **Push-Pin** mechanism ensures a constant, even pressure on the chip, which is critical for the effectiveness of the Thermal Interface Material (TIM).
---
### 4. Application Considerations
When integrating this part into a PCB design, engineers must consider:
* **Airflow Direction:** Since it is a "Straight Fin" design, it is optimized for directional airflow.
* **PCB Hole Pattern:** The board must have pre-drilled holes that match the push-pin spacing (typically provided in the ATS datasheet footprint).
* **Clearance:** Ensure that the 20mm height does not interfere with other daughterboards or the device enclosure.
- ⤷
What is the exact push-pin hole spacing required for this model?
- ⤷ How does blue anodization affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a custom fan attachment?