ATS-10E-75-C3-R0
AI

The **ATS-10E-75-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of their "pushPIN™" series, designed for efficient cooling of semiconductor devices like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 1.50 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 30.00mm |
| **Pressure Requirement** | High Pressure (optimized for airflow) |
---
### 2. Key Components & Construction
#### A. The Heat Sink Body
The body is made of **Aluminum 6063**, which offers an excellent balance between thermal conductivity and weight. The **Blue Anodized** coating is not just for aesthetics; it provides corrosion resistance and slightly improves emissivity for radiant heat transfer.
#### B. The pushPIN™ Attachment System
Instead of using messy adhesives or complex clips, this part uses a proprietary spring-loaded pin system.
- **Springs:** Ensure constant, uniform pressure on the electronic component (TIM interface).
- **Pins:** Usually made of brass or plastic, designed to snap into pre-drilled holes on the PCB (typically 3.175mm holes).
#### C. Thermal Interface Material (TIM)
The "R0" suffix generally indicates that the unit comes with a **pre-applied thermal interface material**. This is a phase-change or grease-based pad on the bottom of the heat sink that fills microscopic air gaps between the component and the metal, ensuring maximum heat transfer.
---
### 3. Application Use Cases
This specific model is designed for high-density electronic environments:
* **Networking Equipment:** Routers and switches with high-speed processors.
* **Industrial PCs:** Devices operating in environments where passive or forced-air cooling is critical.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
---
### 4. Thermal Performance Data (Typical)
The efficiency of the ATS-10E-75-C3-R0 depends heavily on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 1.97 |
| 200 (Unducted) | 1.50 |
| 400 (Unducted) | 1.10 |
- ⤷
What is the difference between the C1
- ⤷ C2
- ⤷ and C3 material variants in ATS heat sinks?
- ⤷ How do I calculate the required hole pattern on a PCB for the pushPIN system?
- ⤷ Can this heat sink be used with a custom fan attachment?