ATS-10E-80-C2-R0
AI

The **ATS-10E-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" attachment series designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Heat Sink | Passive cooling device |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Enhances emissivity and prevents corrosion |
| **Attachment Method** | Push Pin (Brass) | Secure mechanical mounting with springs |
| **Dimensions** | 30mm x 30mm x 25mm | Standard square footprint |
| **Fin Type** | Straight Fin | Optimized for unidirectional airflow |
| **Thermal Resistance** | ~4.50 °C/W | Based on standard airflow (approx. 200 LFM) |
---
### 2. Design and Construction
The electronic functionality of this part is centered around **heat dissipation**. Its structural design includes:
* **High-Performance Fins:** The fins are designed to increase the surface area exposed to air, facilitating faster heat transfer from the electronic component (CPU, FPGA, or MOSFET) to the ambient environment.
* **Thermal Interface Material (TIM):** This part typically comes pre-applied with **T766**, a high-performance thermal phase-change material that fills microscopic air gaps between the heat sink base and the electronic chip to minimize thermal resistance.
* **Push Pin Mounting:** Unlike adhesive-based heat sinks, the "C2" designation indicates a mechanical attachment using brass push pins and springs. This provides consistent pressure (preload), which is critical for maintaining thermal contact during vibration or thermal cycling.
---
### 3. Application Use Cases
This specific part is used in electronics where active or passive cooling is required for:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PC processors and controllers.
3. **Power Electronics:** Cooling voltage regulators and power converters.
---
### 4. Thermal Performance Overview
The efficiency of the ATS-10E-80-C2-R0 depends on the velocity of the air moving through the fins:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 4.46 |
| 400 (2.0 m/s) | 2.56 |
| 600 (3.0 m/s) | 1.82 |
- ⤷
What are the advantages of push-pin mounting over thermal adhesive?
- ⤷ How do I calculate if this heat sink is sufficient for my chip's TDP?
- ⤷ Are there different fin configurations available for this specific footprint?