ATS-10E-95-C2-R0
AI

The **ATS-10E-95-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "push pin" series designed for secure mounting on Printed Circuit Boards (PCBs).
### 1. Technical Specifications
The following table highlights the core physical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-10E-95-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 7.29°C/W (at 100 LFM) |
---
### 2. Design and Components
This part is not just a block of metal; it is an engineered assembly consisting of several electronic-mechanical components:
#### A. The Heat Sink Body
* **High Aspect Ratio Fins:** The straight-fin design maximizes surface area to allow air to pass through easily, facilitating convection cooling.
* **Material:** Made from Aluminum 6063, which offers a high thermal conductivity-to-weight ratio.
#### B. The Attachment System (Push-Pins)
* **Compression Springs:** Each pin includes a spring that provides precise, consistent pressure on the electronic component (CPU, GPU, or FPGA).
* **Push-Pin Mechanism:** Designed for 2-hole mounting, ensuring the heat sink stays level and maintains contact during vibration or mechanical shock.
#### C. Thermal Interface Material (TIM)
* **Pre-applied Interface:** This specific model usually comes with a pre-applied **T766** thermal phase-change material or tape, which fills microscopic air gaps between the component and the heat sink base.
---
### 3. Application Use Cases
The ATS-10E-95-C2-R0 is typically used for cooling high-heat-generating components in industrial and consumer electronics:
* **Microprocessors (CPUs) and FPGAs:** Used in embedded systems where space is limited but cooling is critical.
* **Telecommunications Gear:** Cooling high-speed networking chips.
* **Power Supplies:** Heat dissipation for power transistors and voltage regulators.
---
### 4. Thermal Performance Comparison (Calculated)
Heat sink efficiency is measured by how much the temperature rises per Watt of power dissipated (°C/W).
```python
# Simplified Thermal Calculation Example
power_dissipation = 10.0 # Watts
thermal_resistance = 7.29 # Celsius per Watt (at low airflow)
# Temperature rise above ambient
temp_rise = power_dissipation * thermal_resistance
print(f"The component temperature will rise {temp_rise}°C above ambient air.")
```
- ⤷
What are the specific hole dimensions required for the push-pin mounting?
- ⤷ How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used with a 40mm cooling fan?