ATS-10F-08-C3-R0
AI

The **ATS-10F-08-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is designed for high-efficiency cooling in constrained spaces.
---
### 1. Technical Specifications
The part number encodes specific data regarding its dimensions, thermal performance, and attachment method.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized Blue) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 22.86mm |
| **Thermal Resistance** | 1.50°C/W @ 200 LFM |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Key Electronic Components & Features
#### A. The maxiFLOW™ Design
Unlike standard extruded heat sinks, the maxiFLOW™ design features a **tapered fin structure**.
* **Purpose:** This reduces pressure drop and increases surface area.
* **Electronic Benefit:** It allows for maximum air intake even in dense PCB environments where airflow might be turbulent or restricted.
#### B. pushPIN™ Attachment System
This heat sink utilizes a specialized mechanical attachment rather than simple adhesive.
* **Components:** Brass or plastic pins and stainless steel springs.
* **Benefit:** Provides consistent pressure (clamping force) across the electronic component (CPU/GPU/FPGA), ensuring the **Thermal Interface Material (TIM)** performs at peak efficiency without risking mechanical stress damage to the silicon die.
#### C. Thermal Interface Material (TIM): T766
The unit comes with **T766** pre-applied to the base.
* **Function:** This is a phase-change material or high-conductivity grease that fills the microscopic air gaps between the electronic component and the aluminum heat sink base.
* **Benefit:** Minimizes contact resistance, ensuring heat is pulled away from the electronics immediately.
---
### 3. Common Applications
This specific part is typically found in high-reliability electronic systems where heat dissipation is critical:
1. **Telecommunications:** Network switches and routers.
2. **Power Supplies:** Cooling MOSFETs or power modules.
3. **Computing:** Embedded processors, FPGAs, and ASICs.
4. **Industrial Controls:** High-load motor drivers or automation controllers.
---
### 4. Dimensional Summary (Table)
| Parameter | Value |
| :--- | :--- |
| **Length (A)** | 45.00 mm |
| **Width (B)** | 45.00 mm |
| **Height (C)** | 22.86 mm |
| **Fin Style** | Spread Fin (maxiFLOW) |
- ⤷
How do I calculate the correct spring tension for the pushPIN attachment?
- ⤷ What are the alternatives to T766 thermal interface material for this heat sink?
- ⤷ Can this heat sink be used for passive cooling without a dedicated fan?