ATS-10F-128-C2-R0
AI

The **ATS-10F-128-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed to provide maximum airflow and cooling efficiency for electronic components like BGAs (Ball Grid Arrays).
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Thermal Resistance** | 2.91°C/W (at 200 LFM) |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Key Electronic Features
#### A. Thermal Performance
The primary role of this part in an electronic circuit is **heat dissipation**. It is engineered with a spread fin design that increases the surface area, allowing for better convection cooling in high-density PCB layouts.
#### B. pushPIN™ Attachment
Unlike adhesive-only heat sinks, this model uses a **pushPIN™** system.
* **Mechanical Stability:** It provides a secure attachment to the PCB, ensuring constant pressure on the semiconductor.
* **Spring Mechanism:** It features a brass component and a stainless steel spring to prevent damage to the chip during installation or vibration.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 thermal tape**. This ensures a low-impedance thermal path between the electronic component (CPU, GPU, or FPGA) and the aluminum heat sink, eliminating air gaps that trap heat.
---
### 3. Applications
This specific heat sink is commonly found in:
* **Telecommunications:** Cooling high-speed switching equipment.
* **Computing:** Protecting processors and chipsets on motherboards.
* **Power Electronics:** Managing heat for MOSFETs or power regulators.
- ⤷
What are the different types of pushPIN attachment options for this series?
- ⤷ How does the T766 interface material compare to phase-change materials?
- ⤷ Can this heat sink be used in natural convection environments without fans?