ATS-10F-130-C2-R0
AI

The **ATS-10F-130-C2-R0** is a high-performance electronic thermal management component, specifically a **Pin Fin Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, FPGAs, and power modules.
---
## 1. Technical Specifications
The part number provides specific details about the geometry, material, and thermal interface.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Family** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Fin Style** | Pin Fin (Circular/Tapered) |
| **Thermal Resistance** | ~5.23°C/W (at 200 LFM) |
---
## 2. Key Components & Design Features
### A. Pin Fin Geometry
Unlike traditional straight-fin heat sinks, the "Pin Fin" design uses vertical columns. This offers several electronic cooling advantages:
* **Omnidirectional Airflow:** Heat can be dissipated effectively regardless of which direction the fan is blowing.
* **Increased Surface Area:** Maximizes the contact area between the metal and the surrounding air.
* **Reduced Pressure Drop:** Allows air to flow through the pins more easily, reducing the load on system fans.
### B. pushPIN™ Attachment
This part utilizes a mechanical attachment system rather than adhesive tape.
* **Reliability:** Uses a brass or plastic pin with a stainless steel spring.
* **Contact Pressure:** Ensures consistent downward force on the electronic component (IC), which optimizes the performance of the Thermal Interface Material (TIM).
### C. Material and Coating
* **Aluminum 6063:** Provides a high thermal conductivity-to-weight ratio.
* **Blue Anodized Finish:** Not only provides a professional aesthetic but also increases "emissivity," slightly improving radiant heat transfer and providing corrosion resistance.
---
## 3. Electronic Application Use-Cases
The ATS-10F-130-C2-R0 is typically found in the following electronic environments:
1. **Telecommunications:** Cooling high-speed processors in routers and switches.
2. **Embedded Computing:** Protecting industrial PCs from thermal throttling.
3. **Power Electronics:** Managing heat for large MOSFET arrays or power converters.
---
- ⤷
What is the difference between pushPIN and adhesive thermal attachments?
- ⤷ How do I calculate if the 5.23°C/W thermal resistance is sufficient for my chip?
- ⤷ Are there alternative fin geometries for higher airflow environments?