ATS-10F-133-C2-R0
AI

The **ATS-10F-133-C2-R0** is a high-performance electronic component specifically categorized as a **Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) as part of their "maxiFLOW" product line.
---
## 1. Technical Specifications
This part is designed to provide thermal management for high-heat electronic components like BGA (Ball Grid Array) processors and FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | Push-Pin (2-Pin) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 10.0mm |
| **Fin Style** | Tapered (maxiFLOW™) |
| **Thermal Resistance** | 7.42°C/W (at 200 LFM) |
| **Spring Type** | Brass (Nickel Plated) |
---
## 2. Component Composition
The part consists of several distinct electronic-mechanical elements:
### A. The Heat Sink Body
* **Fabrication:** Extruded aluminum alloy.
* **Coating:** Blue anodized finish which provides a durable surface and increases thermal emissivity.
* **Fin Geometry:** It uses a high-aspect-ratio "tapered fin" design. This allows for increased surface area while minimizing pressure drop across the component.
### B. The Attachment System (Push-Pin)
* **Pins:** Two brass pins designed to pass through pre-drilled holes in a PCB (Printed Circuit Board).
* **Springs:** Compression springs ensure a consistent and reliable downward force, maintaining optimal contact between the heat sink and the electronic chip.
### C. Thermal Interface Material (TIM)
* The "-R0" suffix typically indicates that the part comes pre-applied with **Phase Change Material (PCM)** or high-performance thermal tape. This eliminates the need for manual thermal paste application during assembly.
---
## 3. Performance Metrics
The effectiveness of this electronic part is measured by its **Thermal Resistance (Rth)**. As airflow increases, the resistance to heat transfer decreases:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 7.42 |
| 300 | 5.41 |
| 400 | 4.44 |
| 600 | 3.52 |
---
## 4. Typical Applications
This part is commonly found in the following electronic environments:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** Industrial PCs where space is constrained but heat is high.
* **Power Supplies:** Managing heat from MOSFETs or Power Management ICs (PMICs).
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate the required PCB hole diameter for the push-pins?
- ⤷ Is there a CAD file or 3D model available for this specific part number?