ATS-10F-134-C2-R0
AI

The **ATS-10F-134-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions** | 70mm x 70mm x 15mm |
| **Fin Style** | Straight Fin |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 4.44° C/W (at 100 LFM) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical attributes:
* **ATS-10F**: Refers to the series and specific manufacturing batch/family.
* **134**: Represents the specific dimensions and fin density configuration.
* **C2**: Indicates the thermal interface material (TIM) and color (usually T766 or similar high-performance grease).
* **R0**: Refers to the revision level or packaging standards.
---
### 3. Key Features
1. **Push-Pin Attachment**: This model uses a spring-loaded push-pin mechanism. This ensures consistent pressure on the component (chip), which optimizes heat transfer.
2. **Straight Fin Design**: This geometry is ideal for environments with consistent airflow (forced convection), allowing air to pass through the channels efficiently.
3. **Low Profile**: At only 15mm in height, it is designed for space-constrained electronic enclosures or 1U/2U rack servers.
4. **Pre-applied TIM**: These units often come with a pre-applied Thermal Interface Material (Phase Change Material) to simplify assembly and ensure maximum thermal conductivity.
---
### 4. Typical Applications
* **Embedded Systems**: Industrial computers requiring passive or active cooling.
* **Telecommunications**: Network switches and routers where air is forced through the chassis.
* **Power Electronics**: Cooling voltage regulators or power modules.
- ⤷What is the difference between straight fin and cross-cut fin designs?
- ⤷ How do I calculate the required LFM for this heat sink?
- ⤷ What are the mounting hole requirements for the push-pin system?