ATS-10F-147-C3-R0
AI

The part number **ATS-10F-147-C3-R0** refers to a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series designed for cooling electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35mm x 35mm |
| **Height** | 10mm |
| **Attachment Method** | Push Pin (Plastic) |
| **Thermal Resistance** | 13.65°C/W (at 100 LFM) |
| **Fin Style** | Straight Fin |
| **Spring Type** | Compression Spring |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific configuration of the part:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **10**: Series type / Pin attachment style.
* **F**: Fin type (Straight).
* **147**: Specific geometry/size code (35mm x 35mm).
* **C3**: Thermal Interface Material (TIM). "C3" usually denotes **T766** high-performance thermal phase-change material.
* **R0**: Revision/Packaging code.
---
### 3. Key Components & Design
The assembly consists of four main electronic packaging elements:
1. **Heat Sink Body**: An extruded aluminum block with vertical fins. The low profile (10mm) is designed for tight spaces or server enclosures with restricted airflow.
2. **Push Pins**: Two plastic pins that snap into pre-drilled holes on the Printed Circuit Board (PCB). This ensures consistent pressure on the chip.
3. **Compression Springs**: These sit between the pin head and the heat sink, providing a specific downward force to maximize contact between the sink and the electronic component.
4. **Thermal Interface Material (TIM)**: Pre-applied to the base. This fills microscopic air gaps between the component and the heat sink to improve heat transfer.
---
### 4. Typical Applications
* **Network Switches**: Cooling high-speed processing chips.
* **Embedded Systems**: Small form factor motherboards.
* **Power Supplies**: Dissipating heat from MOSFETs or voltage regulators.
* **Telecommunications**: Cooling ASICs in line cards.
- ⤷
What are the PCB hole requirements for mounting this specific heat sink?
- ⤷ Can the 'C3' thermal material be replaced with standard thermal paste?
- ⤷ How does the 10mm height affect thermal performance compared to taller models?