ATS-10F-180-C2-R0
AI

The **ATS-10F-180-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **pushPIN™** series, designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Property | Details |
| :--- | :--- |
| **Material** | Aluminum (Al 6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 25.0mm |
| **Thermal Resistance** | 3.32 °C/W (at 100 LFM) |
| **Pressure Drop** | Low (Optimized for high-flow environments) |
| **TIM (Thermal Interface Material)** | T766 (High performance) |
---
### 2. Key Features and Components
#### A. Attachment Mechanism (pushPIN™)
Instead of adhesive tapes, this model uses a **push-pin and spring system**. This ensures:
* **Constant Pressure:** Prevents gaps between the component and the heat sink.
* **Secure Mounting:** Vibration-resistant, making it ideal for industrial or transport electronics.
* **Tool-less Installation:** Many models allow for quick snap-in assembly.
#### B. Thermal Performance
The "180" in the part number corresponds to the fin pitch and density. This heat sink is designed for **forced air cooling** (fans). The high fin density increases the surface area, allowing heat to dissipate rapidly into the surrounding air.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 phase-change material**. This eliminates the need for manual thermal paste application and ensures maximum thermal conductivity between the electronic chip and the aluminum base.
---
### 3. Common Applications
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
---
- ⤷
What are the advantages of using pushPIN mounts over thermal adhesive tape?
- ⤷ How do I calculate the thermal resistance needed for a specific CPU?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in heat sinks?