ATS-10F-182-C1-R0
AI

The **ATS-10F-182-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for secure and efficient cooling of electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal characteristics of the part:
| Parameter | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Thermal Resistance** | 7.48°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Pin Pitch** | 38mm |
---
### 2. Key Design Features
* **Fine Pitch Fin Design:** The "182" in the part number indicates a specific fin pattern (Cross-cut) designed to maximize surface area and allow for multi-directional airflow.
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical attachment system consisting of a plastic pin and a compression spring. This ensures consistent pressure and reliable contact with the semiconductor surface.
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** thermal phase change material, which optimizes heat transfer from the chip to the aluminum base.
---
### 3. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying variations:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **10F:** Series designation (High-performance pushPIN).
* **182:** Specific fin geometry and size configuration.
* **C1:** Material and Finish (Aluminum / Blue Anodized).
* **R0:** Revision or RoHS compliance status.
---
### 4. Application Use Cases
This part is typically found in:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Industrial PCs:** Ensuring thermal stability in fanless or restricted-airflow environments.
3. **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How do I calculate the required hole size on the PCB for the pushPIN attachment?
- ⤷ Are there copper versions of the ATS-182 series for better thermal conductivity?