ATS-10F-186-C2-R0
AI

The **ATS-10F-186-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (with spring) |
| **Thermal Resistance** | 2.80°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight Fin |
| **Pressure Type** | Low Pressure |
---
### 2. Physical Design & Features
#### A. Heat Sink Geometry
* **Square Profile:** The 45mm x 45mm footprint is standard for mid-sized BGAs (Ball Grid Arrays).
* **Fin Configuration:** The straight fin design allows for airflow in a specific direction, making it ideal for systems with a defined chassis airflow (ducted or fan-driven).
#### B. Attachment Mechanism (Push Pin)
This model utilizes a **plastic push pin** with a brass spring.
* **Reliability:** Provides consistent pressure on the processor, ensuring maximum contact with the thermal interface material (TIM).
* **Ease of Assembly:** Does not require specialized tools; it snaps into pre-drilled holes on the PCB.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that it comes pre-applied with **ATS-53**, a high-performance phase-change thermal material. This eliminates the need for manual thermal paste application during assembly.
---
### 3. Electrical & System Considerations
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical for:
1. **Preventing Thermal Throttling:** Ensures the semiconductor stays below its Maximum Operating Junction Temperature ($T_j$).
2. **ESD Protection:** The blue anodized finish provides a level of electrical insulation, though the primary purpose is corrosion resistance and thermal radiation enhancement.
3. **Mechanical Clearance:** At 25mm high, engineers must ensure there is no interference with other tall components (like capacitors or RAM) on the PCB.
---
### 4. Summary Table
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Mounting Hole Pattern** | 38mm (diagonal) |
| **Flow Direction** | Horizontal |
| **Weight** | ~40-50 grams |
- ⤷
What is the significance of the 'R0' suffix in ATS part numbers?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can this heat sink be used with a custom fan attachment?