ATS-10F-198-C2-R0
AI

The **ATS-10F-198-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to provide low thermal resistance and high reliability for cooling semiconductors and integrated circuits.
---
### 1. Technical Specifications
The table below highlights the critical mechanical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Dimensions** | 45.00mm x 45.00mm x 15.00mm |
| **Thermal Resistance (Unducted)** | 9.06 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.80 °C/W @ 800 LFM |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Core Electronic/Thermal Function
This part acts as a **Passive Cooling Component**. Its primary purpose is to increase the surface area of a heat-generating electronic device (like a BGA, CPU, or FPGA) to dissipate thermal energy into the surrounding air via convection.
#### Key Design Features:
* **maxiFLOW™ Geometry:** Features a spread fin design that maximizes surface area and creates turbulence, which is more effective at removing heat than traditional straight-fin extrusions.
* **pushPIN™ Attachment:** Instead of messy adhesives or weak tape, this part uses a mechanical spring-loaded pin system. This ensures consistent pressure (clamping force) between the heat sink and the electronic component, which is vital for optimal heat transfer.
* **T766 TIM:** It comes with a pre-applied phase-change material or high-performance thermal pad, ensuring the microscopic gaps between the chip and the metal are filled for maximum conductivity.
---
### 3. Typical Applications
This specific heat sink is commonly found in high-density electronic environments where space is limited but thermal loads are high:
* **Networking Equipment:** Routers, switches, and high-speed modems.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Telecommunications:** Base stations and signal processing units.
* **Power Electronics:** Power supplies and motor drivers where MOSFETs or IGBTs generate significant heat.
---
- ⤷
What are the benefits of the pushPIN™ attachment over thermal adhesive tape?
- ⤷ How does the 'Blue Anodized' finish affect the heat sink's performance?
- ⤷ What is the difference between ducted and unducted thermal resistance in this context?