Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-10F-28-C2-R0

  • AI
    The **ATS-10F-28-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors. --- ### ## Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 15mm | | **Attachment Method** | Push-Pin (Spring Loaded) | | **Thermal Resistance** | 10.62°C/W (at 100 LFM) | | **Airflow Pattern** | Fine Pitch (Straight Fin) | --- ### ### Key Components and Features 1. **Heat Sink Body (Aluminum):** * The core is made of aluminum, which provides a high thermal conductivity-to-weight ratio. * The "Fine Pitch" design increases the surface area for heat exchange without significantly obstructing airflow. 2. **The Push-Pin Attachment:** * The **"10F"** in the part number indicates a specific push-pin configuration. * These are spring-loaded pins that provide a precise "Pre-load" force, ensuring constant contact between the heat sink and the electronic component (die). 3. **Blue Anodized Coating:** * The surface treatment is not just aesthetic; it provides corrosion resistance and improves thermal emissivity. 4. **Phase Change Material (PCM):** * The **"C2"** designation usually refers to the pre-applied Thermal Interface Material (TIM). This ensures that microscopic air gaps between the component and the heat sink are filled for maximum heat transfer. --- ### ### Part Number Breakdown (Nomenclature) To understand what each segment of **ATS-10F-28-C2-R0** represents: * **ATS:** Manufacturer (Advanced Thermal Solutions). * **10:** Series/Mounting style (pushPIN™). * **F:** Fin pitch style (Fine). * **28:** Size/Configuration code. * **C2:** Thermal Interface Material (TIM) type. * **R0:** Revision/RoHS compliance status. ---
    ✨ Follow-up Questions
    • ⤷ What are the recommended airflow requirements for this heat sink?
    • ⤷ How do I choose between the 'Fine' and 'Coarse' fin pitch for my application?
    • ⤷ What is the maximum thermal wattage this specific model can handle?