ATS-10F-32-C3-R0
AI

The **ATS-10F-32-C3-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance push-pin heat sink series, specifically designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here is the breakdown:
| Parameter | Value / Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | push-PIN™ HS |
| **Material** | Aluminum (typically with Blue Anodized finish) |
| **Attachment Method** | Push-Pin with Springs |
| **Thermal Resistance** | Approx. 21.5°C/W (Unducted @ 100 LFM) |
| **Dimensions** | 35mm x 35mm |
| **Height** | 15mm |
| **Pin Pitch** | 2.54mm (Standard) |
---
### 2. Component Structure
The device consists of three primary mechanical sub-components:
1. **Heat Sink Body:** A cross-cut fin design that allows for multi-directional airflow, making it effective in systems where air direction might change.
2. **Push-Pin:** Plastic or brass pins that lock the heat sink into pre-drilled holes on the Printed Circuit Board (PCB).
3. **Compression Spring:** Provides a precise "down-force" to ensure constant contact between the heat sink and the electronic chip, optimizing heat transfer.
4. **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance phase-change material or thermal pad.
---
### 3. Key Features
* **High Performance:** Designed for high-density electronic packaging.
* **Easy Installation:** The push-pin system allows for tool-free assembly, which reduces labor costs in manufacturing.
* **Durability:** The blue anodized finish provides corrosion resistance and increased surface emissivity.
* **Reliability:** The spring-loaded mechanism ensures that the heat sink remains attached even under high vibration or mechanical shock.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (velocity) within the electronics enclosure:
| Air Velocity (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 21.46 |
| 200 | 1.0 | 11.81 |
| 300 | 1.5 | 6.69 |
| 400 | 2.0 | 4.40 |
---
### 5. Application Use-Cases
* **Telecommunications:** Cooling of routers and switches.
* **Computing:** Secondary heat management for chipsets or power regulators.
* **Industrial:** Protection for motor controllers or embedded PC modules.
- ⤷
How do I calculate the required hole pattern on my PCB for this heat sink?
- ⤷ What is the difference between T766 and other thermal interface materials used in this series?
- ⤷ Are there alternative attachment methods if my PCB does not have mounting holes?