ATS-10F-45-C3-R0
AI

The **ATS-10F-45-C3-R0** is a high-performance thermal management component, specifically a **Heat Sink** from the **pushPIN™** series manufactured by **Advanced Thermal Solutions (ATS)**.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance (Flowing)** | 1.51 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 3.65 °C/W @ Static |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Pitch** | Fine Pitch |
| **Pattern** | XC (Cross-Cut) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's design:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **10**: Series identifier (pushPIN™ Heat Sink).
* **F**: Attachment Type (Fine Pitch).
* **45**: Dimensions (45mm length/width).
* **15 (Implied by series)**: Height (15mm profile).
* **C3**: Thermal Interface Material (Pre-applied Phase Change Material or specific performance grade).
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic/Thermal Features
#### A. Attachment Mechanism (pushPIN™)
Unlike adhesive-based heat sinks, this part uses a **flexible push-pin system**. This ensures:
* **Constant Pressure:** The spring-loaded mechanism provides consistent contact with the CPU/GPU, optimizing heat transfer.
* **Secure Mounting:** It prevents the heat sink from shifting due to mechanical shock or vibration.
#### B. Cross-Cut (XC) Design
The "XC" or cross-cut fin design allows for multi-directional airflow. This is critical in electronics enclosures where the direction of the cooling fan's exhaust may vary or be turbulent.
#### C. Thermal Interface Material (TIM)
The **C3** designation indicates that the part comes with a pre-applied thermal interface. This eliminates the need for manual application of thermal paste, reducing assembly time and ensuring a uniform layer between the component and the heat sink.
---
### 4. Typical Applications
This part is commonly found in:
* **Network Switches/Routers:** Cooling high-speed ASICs.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
* **Embedded Computing:** Cooling processors in industrial motherboards.
- ⤷
How does the pushPIN mounting system compare to standard adhesive tapes?
- ⤷ What are the advantages of a Blue Anodized finish for thermal management?
- ⤷ Can this heat sink be customized for different airflow directions?